PART |
Description |
Maker |
2SK30A-R 2SK30A-Y 2N4303 2N3686A 2N5717 2N5718 2SK |
TRANSISTOR | JFET | N-CHANNEL | 6.5MA I(DSS) | TO-92 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | JFET | N-CHANNEL | 1.2MA I(DSS) | TO-72 TRANSISTOR | JFET | N-CHANNEL | 800UA I(DSS) | TO-92 TRANSISTOR | JFET | N-CHANNEL | 30V V(BR)DSS | 15MA I(DSS) | TO-106 晶体管|场效应| N沟道| 30V的五(巴西)直| 15mA的我(直)|106
|
EPCOS AG
|
J_SST201 SST202 SST204 J201 SST201 J_SST202 J_SST2 |
HIGH GAIN N-CHANNEL JFET Low Noise, Single, N-Channel JFET Amplifier
|
Linear Systems LINEAR[Linear Integrated Systems]
|
MPF111 MPF112 MPF110 TP3329 |
TRANSISTOR | JFET | N-CHANNEL | 20V V(BR)DSS | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | N-CHANNEL | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | P-CHANNEL | 3MA I(DSS) | TO-92 晶体管|场效应| P通道| 3mA的我(直)|92
|
Electronic Theatre Controls, Inc.
|
2N4339 2N4339-JQR 2N4339-JQR-AG4 2N4339-JQR-BG4 |
50 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-206AA LOW NOISE N-CHANNEL JFET
|
SEMELAB LTD Seme LAB
|
MMBFJ177LT1 MMBFJ177LT1-D |
JFET Chopper P-Channel - Depletion Small Signal JFET JFET Chopper P-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236AB
|
ON Semiconductor
|
MMBFU310LT1-D |
JFET Transistor N-Channel Small Signal JFET
|
ON Semiconductor
|
MMBF4391LT1 MMBF4391LT1G MMBF4392L MMBF4393LT1G MM |
Small Signal JFET JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236AB JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
ONSEMI[ON Semiconductor]
|
KD4868M-FN39.8 KV4868M-FN39.8 WW4868M-FN39.8 WW590 |
N-CHANNEL, Si, SMALL SIGNAL, JFET 0.015 X 0.020 INCH, DIE-2 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET WAFER 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET 0.022 X 0.022 INCH, DIE-6
|
Solitron Devices, Inc. SOLITRON DEVICES INC
|
MPF4393G |
JFET Switching Transistors N−Channel − Depletion 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-92
|
ON Semiconductor
|
SST3958NL U3958NL |
Monolithic N-Channel JFET Dual Monolithic N-Channel JFET Duals
|
Vishay
|
J310ZL1G J309 J309G J310 J310G J310RLRP J310RLRPG |
JFET VHF/UHF Amplifiers N-Channel - Depletion JFET VHF/UHF Amplifiers N-Channel - Depletion UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-92 JFET VHF/UHF Amplifiers N.Channel . Depletion
|
ONSEMI[ON Semiconductor]
|
SST4117 PN4117A 2N4117A 2N4118A PN4119A PN4118A 2N |
N-Channel JFET(最小栅源击穿电40V,最小饱和漏极电00μA的N沟道结型场效应管) N沟道场效应(最小栅源击穿电 40V的,最小饱和漏极电流为200μA的N沟道结型场效应管 N-Channel JFET(最小栅源击穿电40V,最小饱和漏极电0μA的N沟道结型场效应管) N沟道场效应(最小栅源击穿电 40V的,最小饱和漏极电0μA的N沟道结型场效应管 From old datasheet system N-Channel JFETs
|
Vishay Intertechnology, Inc. Calogic, LLC
|